PART |
Description |
Maker |
380L563M025A072 382LX823M035N102 380LX822M050K032 |
85 ?C High-Capacitance Snap-In 85 垄陋C High-Capacitance Snap-In 85 ?C High-Capacitance Snap-In 85 ?C High-Capacitance Snap-In High-Capacitance Snap-In
|
List of Unclassifed Man... Cornell Dubilier Electr... Cornell Dubilier Electronic... List of Unclassifed Manufac... ETC List of Unclassifed Manufacturers http:// Cornell Dubilier Electronics
|
NUP4201MR6 NUP4201MR6T1G NUP4201MR6T1 NUP4201 |
Low Capacitance Surface Mount TVS for High-Speed Data Interfaces Low Capacitance TSOP-6 Diode-TVS Array for High Speed Data Lines Protection
|
ONSEMI[ON Semiconductor]
|
BB565 Q62702-B0873 Q62702-B0869 |
From old datasheet system Silicon Variable Capacitance Diode (For UHF-TV-tuners High capacitance ratio Low series inductance Low series resistance)
|
SIEMENS AG Infineon Siemens Group SIEMENS[Siemens Semiconductor Group]
|
306DCR2R3STV |
High Capacitance ?Very fast charge/discharge ?High power density
|
Illinois Capacitor, Inc...
|
GL35-00 GL35-01 GL35-02 GL35-04 GL35-06 GL35-08 GL |
Aluminum Electrolytic Radial Lead Low Impedance High Reliability Capacitor; Capacitance: 120uF; Voltage: 6.3V; Case Size: 6.3x7 mm; Packaging: Bulk 在行高硅桥式整流器电流(电压- 5000伏特电流- 155安培 IN-LINE HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 800 Volts CURRENT - 15 to 35 Amperes) 在行高硅桥式整流器电流(电压- 5000伏特电流- 1535安培 IN-LINE HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 800 Volts CURRENT - 15 to 35 Amperes) 在行高硅桥式整流器电流(电压- 5000伏特电流- 155安培 Aluminum Electrolytic Radial Lead Low Impedance High Reliability Capacitor; Capacitance: 22uF; Voltage: 6.3V; Case Size: 5x11 mm; Packaging: Bulk Aluminum Electrolytic Radial Lead Low Impedance High Reliability Capacitor; Capacitance: 68uF; Voltage: 6.3V; Case Size: 4x11 mm; Packaging: Bulk Aluminum Electrolytic Radial Lead Low Impedance High Reliability Capacitor; Capacitance: 56uF; Voltage: 6.3V; Case Size: 5x7 mm; Packaging: Bulk XTAL CER SMT 6X3.5 2PAD Aluminum Electrolytic Radial Lead Low Impedance High Reliability Capacitor; Capacitance: 1200uF; Voltage: 6.3V; Case Size: 8x20 mm; Packaging: Bulk LED Panel Indicator; LED Color:Yellow; Luminous Intensity:40foot lambert; Forward Current:8.5mA; Forward Voltage:125V; Operating Temperature Range:-25 C to 85 C; Color:Yellow; Leaded Process Compatible:No RoHS Compliant: No
|
Transys Electronics, Ltd. Transys Electronics Ltd. TRSYS
|
RFS FP-010ME100M-FSR |
High Capacitance
|
Nichicon corporation
|
380L 380L101M400H042 380L101M350H022 380L101M400J0 |
High Capacitance
|
CDE
|
MV1402-5MCHIP MV1401B-4M MV1405B-2M MV1403-6MCHIP |
360 pF, 12 V, SILICON, VARIABLE CAPACITANCE DIODE 550 pF, 12 V, SILICON, VARIABLE CAPACITANCE DIODE, DO-14 250 pF, 12 V, SILICON, VARIABLE CAPACITANCE DIODE, DO-7 175 pF, 12 V, SILICON, VARIABLE CAPACITANCE DIODE 100 pF, 12 V, SILICON, VARIABLE CAPACITANCE DIODE 120 pF, 12 V, SILICON, VARIABLE CAPACITANCE DIODE, DO-7
|
|
BB731 |
Silicon epitaxial planar capacitance diodes with very wide effective capacitance
|
TY Semiconductor Co., Ltd
|
NNCD6.2MF NNCD6.2MF-T1 NNCD6.2MF-T2 |
ESD noise clipping diode 3pin SC-59 Low capacitance,Hi ESD type LOW CAPACITANCE HIGH ESD TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES DUAL TYPE: COMMON ANODE 3-PIN MINI MOLD 低电容高ESD静电放电噪音型裁剪二极管双类型:通用阳极3针微型模
|
NEC Corp.
|